Part Number Hot Search : 
TPQ5550 S6008 1615E SW4100 FAN400A 6123ACN 7C51RA4A H0001
Product Description
Full Text Search
 

To Download MIR-3305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE PHOTOINTERRUPTER
Description
The MIR-3305 consists of a Gallium Arsenide infrared emitting diode and a NPN silicon phototransistor built in a black plastic housing. It is a reflective subminiature photointerrupter.
D C
MIR-3305
Package Dimensions
Unit: mm
A Anode Mark
B
Features
Compact and thin MIR-3305 : Compact DIP, long lead type Optimum detecting distance : 0.8 - 1.0 mm Wavelength : 940nm Visible light cut-off type
NOTE: (1).Tolerance:0.2mm (2). ( ) Reference dimensions
Emitter D
TOP VIEW
C Col lector B Cathode
Anode A
Absolute Maximum Ratings
@ TA=25oC Parameter Continuous Forward Current INPUT Reverse Voltage Power Dissipation Collector-emitter breakdown voltage OUTPUT Emitter-Collector breakdown voltage Collector power dissipation Total power dissipation Operating Temperature Range Storage Temperature Range Symbol IF VR Pad V(BR)CEO V(BR)ECO Pc PTOT Topr Tstg
o
Minimum Rating Maximum Rating 50 5 75 30 5 75 100 -25 C to + 85 C -40 oC to + 100oC
o
Unit mA V mW V V mW mW
o Lead Soldering Temperature (within 5 sec, minimum 1.6mm from body) at 260 C
Unity Opto Technology Co., Ltd.
12/10/2002
MIR-3305
Optical-Electrical Characteristics
@ TA=25oC Parameter Input Output Forward Voltage Reverse Current Collector Dark Current symbol VF IR Iceo B
*1
Min. 38 56 80 112 -
Typ. 20 20 -
Max. 1.3 10 0.2 75 108 151 216 100 100 0.1
Unit. V A A
Test Conditions IF =20mA VR =5V Vce =10V
Collector Current
Ic
C D E tr tf
A
IF=4mA,Vce=5V
Transfer Characteristic s Response Time (RISE) Response Time (FALL)
*2
S S A
Ic=100A, Vce =2V RL =1k Vce =5V
Leak Current
ILEAK
*1 THE CONDITION AND ARRANGEMENT OF THE REFLECTIVE OBJECT ARE SHOWN AS FOLLOWING . *2 WITHOUT REFLECTIVE OBJECT.
TEST CONDITION AND ARRANGEMENT FOR COLLECTOR CURRENT
Al refletive Surface 1 mm-thick glass Device
Typical Optical-Electrical Characteristic Curves
Forward Current IF (mA)
60 50 40 30 20 10 0 -25 0 25 50 75
o
Power Dissipation (mW)
120 100 80 60 40 20 0 -25
PTOT Pad , PC
100
0
25
50
75
o
100
Ambient Temperature TA ( C) Fig.1 forward Current VS. Ambient Temperature Forward Current IF (mA) Collector Current Ic (A)
50 40 30 20 10 0 0 0.5 1 1.5 600 500 400 300 200 100 0 0
Ambient Temperature TA ( C ) Fig.2 Power Dissipation vs. Ambient Temperature
Vce=5V Ta=25oC
5
10
15
20
Forward Voltage VF (V) Fig.3 Forward Current VS Forward Voltage
Forward Current IF (mA) Fig.4 Collector Current vs. Forward Current
Unity Opto Technology Co., Ltd.
12/10/2002
MIR-3305
Typical Optical-Electrical Characteristic Curves
Collector Current Ic (A)
350 300 250 200 150 100 50 0 0 2 4 6 8 10 12
1mA
Relative Collector Current (%)
Ta=25oC IF=10mA 4mA
120 100 80 60 40 20 0 -25 0 25 50 75 100
Collector-Emitter Voltage Vce (V) Fig.5 Collector Current vs. Vce Collector Dark Current ICEO
10-6 10
-7
Ambient Temperature TA (oC) Fig.6 Relative Collector Current VS.
100
Response Time (s)
VCE=10V
tr tr td
10 1 0.1 0.01
10-8 10-9 10-10 0 25 50 75 100
ts
VCE=2V IC=100A T a=25oC
0.1
1
10
Ambient Temperature TA (oC) Fig.7 Collector Dark Current vs. Ambient Temperature Relative Collector Current (%) Relative Sensitivity (%)
100 80 60 40 20 0 700 800 900 1000 1100 1200 Ta=25oC 120 100 80 60 40 20 0 0 1
Load Resistance Rt (K) Fig.8 Response Time vs. Load Resistance
IF=4mA VCE=5V T A=25oC
2
3
4
5
6
7
8
9 10
Wavelength (nm) Fig.9 Spectral Sensitivity (Detecting side)
Distance (mm) Fig.10 Relative Collector Current vs. Distance between MIR-3301 and Card
Test Circuit for Response Time
Vcc Input RD RL Input
Output Output 10% td tr 90% tf
ts
Unity Opto Technology Co., Ltd.
12/10/2002


▲Up To Search▲   

 
Price & Availability of MIR-3305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X